PART |
Description |
Maker |
LTC6947-15 |
Ultralow Noise 0.35GHz to 6GHz Fractional-N Synthesizer
|
Linear Technology
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
LTC6945-15 |
Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
|
Linear Technology
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
MGA-683P8-BLKG MGA-683P8-TR1G |
Low Noise And High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
MGA-17516-BLKG MGA-17516-TR1G |
Low Noise, High Linearity Match Pair Low Noise Amplifier
|
AVAGO TECHNOLOGIES LIMITED
|
LT1037AMH LT1037ACH LT1037ACJ8 LT1037ACN8 LT1037AM |
Low Noise, High Speed Precision Operational Amplifiers Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 125 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 110 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 PTB 41C 41#20 PIN/SKT RECP Low Noise/ High Speed Precision Operational Amplifiers
|
Linear Technology, Corp. Linear Technology Corporation
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
74LS240 SN74LS240 SN74LS244DW SN74LS240DW SN74LS24 |
5V High Linearity LNA, 39dBm OIP3, 0.45-6GHz, SOT343(SC-70) LS SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 LOW POWER SCHOTTKY From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ADA4898-1 ADA4898-1YRDZ ADA4898-1YRDZ-R7 ADA4898-1 |
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
|
Analog Devices
|
|